|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IRFP044, SiHFP044 Vishay Siliconix Power MOSFET PRODUCT SUMMARY VDS (V) RDS(on) () Qg (Max.) (nC) Qgs (nC) Qgd (nC) Configuration VGS = 10 V 95 27 46 Single D FEATURES 60 0.028 * Dynamic dV/dt Rating * Isolated Central Mounting Hole * 175 C Operating Temperature * Fast Switching * Ease of Paralleling * Simple Drive Requirements * Lead (Pb)-free Available Available RoHS* COMPLIANT TO-247 DESCRIPTION Third generation Power MOSFETs from Vishay provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because its isolated mounting hole. It also provides greater creepage distances between pins to meet the requirements of most safety specifications. G S D G S N-Channel MOSFET ORDERING INFORMATION Package Lead (Pb)-free SnPb TO-247 IRFP044PbF SiHFP044-E3 IRFP044 SiHFP044 ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Currenta Linear Derating Factor Single Pulse Avalanche Energyb Maximum Power Dissipation Peak Diode Recovery dV/dtc Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature) Mounting Torque for 10 s 6-32 or M3 screw TC = 25 C EAS PD dV/dt TJ, Tstg VGS at 10 V TC = 25 C TC = 100 C SYMBOL VDS VGS ID IDM LIMIT 60 20 57 40 230 1.2 53 180 4.5 - 55 to + 175 300d 10 1.1 W/C mJ W V/ns C lbf * in N*m A UNIT V Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. VDD = 25 V, starting TJ = 25 C, L = 19 H, RG = 25 , IAS = 57 A (see fig. 12). c. ISD 52 A, dI/dt 250 A/s, VDD VDS, TJ 175 C. d. 1.6 mm from case. * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 91197 S-Pending-Rev. A, 16-Jun-08 www.vishay.com 1 WORK-IN-PROGRESS IRFP044, SiHFP044 Vishay Siliconix THERMAL RESISTANCE RATINGS PARAMETER Maximum Junction-to-Ambient Case-to-Sink, Flat, Greased Surface Maximum Junction-to-Case (Drain) SYMBOL RthJA RthCS RthJC TYP. 0.24 MAX. 40 0.83 C/W UNIT SPECIFICATIONS TJ = 25 C, unless otherwise noted PARAMETER Static Drain-Source Breakdown Voltage VDS Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Drain-Source On-State Resistance Forward Transconductance Dynamic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulsed Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Forward Turn-On Time IS ISM VSD trr Qrr ton MOSFET symbol showing the integral reverse p - n junction diode D SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT VDS VDS/TJ VGS(th) IGSS IDSS RDS(on) gfs VGS = 0 V, ID = 250 A Reference to 25 C, ID = 1 mA VDS = VGS, ID = 250 A VGS = 20 V VDS = 60 V, VGS = 0 V VDS = 48 V, VGS = 0 V, TJ = 150 C VGS = 10 V ID = 34 Ab VDS = 25 V, ID = 34 Ab 60 2.0 17 0.060 - 4.0 100 25 250 0.028 - V V/C V nA A S Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf LD LS VGS = 0 V, VDS = 25 V, f = 1.0 MHz, see fig. 5 - 2500 1200 200 19 120 55 86 5.0 13 95 27 46 nH ns nC pF VGS = 10 V ID = 52 A, VDS = 48 V see fig. 6 and 13b - VDD = 30 V, ID = 52 A, RG = 9.1 , RD = 0.56, see fig. 10b - Between lead, 6 mm (0.25") from package and center of die contact D - G S - 140 1.2 57 A 230 2.5 300 2.8 V ns C G S TJ = 25 C, IS = 58 A, VGS = 0 Vb TJ = 25 C, IF = 152 A, dI/dt = 100 A/sb Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD) Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Pulse width 300 s; duty cycle 2 %. www.vishay.com 2 Document Number: 91197 S-Pending-Rev. A, 16-Jun-08 IRFP044, SiHFP044 Vishay Siliconix TYPICAL CHARACTERISTICS 25 C, unless otherwise noted Fig. 1 - Typical Output Characteristics, TC = 25 C Fig. 3 - Typical Transfer Characteristics Fig. 2 - Typical Output Characteristics, TC = 175 C Fig. 4 - Normalized On-Resistance vs. Temperature Document Number: 91197 S-Pending-Rev. A, 16-Jun-08 www.vishay.com 3 IRFP044, SiHFP044 Vishay Siliconix Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage Fig. 7 - Typical Source-Drain Diode Forward Voltage Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage Fig. 8 - Maximum Safe Operating Area www.vishay.com 4 Document Number: 91197 S-Pending-Rev. A, 16-Jun-08 IRFP044, SiHFP044 Vishay Siliconix RD VDS VGS RG D.U.T. + - VDD 10 V Pulse width 1 s Duty factor 0.1 % Fig. 10a - Switching Time Test Circuit VDS 90 % 10 % VGS td(on) tr td(off) tf Fig. 9 - Maximum Drain Current vs. Case Temperature Fig. 10b - Switching Time Waveforms Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case L Vary tp to obtain required IAS RG VDS tp VDD D.U.T I AS 10 V tp 0.01 IAS Fig. 12b - Unclamped Inductive Waveforms VDS + - V DD VDS Fig. 12a - Unclamped Inductive Test Circuit Document Number: 91197 S-Pending-Rev. A, 16-Jun-08 www.vishay.com 5 IRFP044, SiHFP044 Vishay Siliconix Fig. 12c - Maximum Avalanche Energy vs. Drain Current Current regulator Same type as D.U.T. 50 k 12 V 0.2 F 0.3 F 10 V QGS QG QGD D.U.T. + - VDS VG VGS 3 mA Charge IG ID Current sampling resistors Fig. 13a - Basic Gate Charge Waveform Fig. 13b - Gate Charge Test Circuit www.vishay.com 6 Document Number: 91197 S-Pending-Rev. A, 16-Jun-08 IRFP044, SiHFP044 Vishay Siliconix Peak Diode Recovery dV/dt Test Circuit D.U.T + Circuit layout considerations * Low stray inductance * Ground plane * Low leakage inductance current transformer + + - RG * dV/dt controlled by RG * ISD controlled by duty factor "D" * D.U.T. - device under test + VDD Driver gate drive P.W. Period D= P.W. Period VGS = 10 V* D.U.T. ISD waveform Reverse recovery current Body diode forward current dI/dt D.U.T. VDS waveform Diode recovery dV/dt VDD Re-applied voltage Inductor current Body diode forward drop Ripple 5 % ISD * VGS = 5 V for logic level devices Fig. 14 - For N-Channel Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91197. Document Number: 91197 S-Pending-Rev. A, 16-Jun-08 www.vishay.com 7 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of IRFP044 |